PART |
Description |
Maker |
26-61-4100 |
Multipole Connector; Number of Contacts:10; Pitch Spacing:3.96mm; Number of Rows:1; Gender:Header; Series:41791; Body Material:Polyester; Connecting Termination:Thru-Hole; Contact Plating:Gold; Mounting Type:Through Hole
|
MOLEX INC
|
35507-1100 35507-1400 |
Wire To Board Header; Number of Contacts:11; Pitch Spacing:0.079"; Number of Rows:1; Gender:Header; Series:35507; Body Material:Polyamide; Current Rating:2A; Voltage Rating:125V 11 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP, RECEPTACLE 14CKT NEW 2.0 W/B CONN HOUSING 14 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP, RECEPTACLE
|
Molex, Inc.
|
10-31-1068 |
Header; Number of Contacts:6; Pitch Spacing:5mm; Number of Rows:1; Series:SPOX; Connector Body Material:Nylon; Mounting Type:PC Board; Terminal Type:Straight Pin 6 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER
|
Molex, Inc.
|
42820-2342 42820-2243 42820-2212 42820-2213 42820- |
MiniFit Sr Hdr Assy 250 2 Ckt Tin 2 CONTACT(S), MALE, POWER CONNECTOR, SOLDER MiniFit Sr Hdr Assy 250 Clip 2 Ckt Gold 2 CONTACT(S), MALE, POWER CONNECTOR, SOLDER Pin Header; Number of Contacts:2; Pitch Spacing:10mm; Number of Rows:1; Gender:Header; Series:42820; Body Material:PA Polyamide (Nylon) 4/6; Color:Black; Connecting Termination:Thru-Hole; Contact Plating:Tin-Lead 428202213 428202232 MiniFit Sr Hdr Assy 093 Clip 2 Ckt Gold
|
Molex, Inc. MOLEX INC
|
CS3720XTVA7 CS3720 CS3720XDPS7 CS3720XDPSR7 CS3720 |
D/A Converter (D-A) IC; Resolution (Bits):24; Update Rate:192kSPS; Number of DACs:6; Data Interface:Serial; Package/Case:48-LQFP; IC Generic Number:4365; Interface Type:Serial; Leaded Process Compatible:No; Number of Bits:24 甲H桥驱动器 Xfmr Module AUI Isolation Transformers 2A H-Bridge Driver
|
ZF Electronics, Corp. ZF Electronics Corporation CHERRY[Cherry Semiconductor Corporation]
|
53048-0210 53048-0410 |
1.25mm PITCH WIRE-TO-BOARD SYSTEM THRU-HOLE RIGHT-ANGLE HEADERS - FIG. 3 2 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER Header; Number of Contacts:4; Pitch Spacing:1.25mm; Number of Rows:1; Series:53048; Connector Body Material:Nylon; Mounting Type:PC Board; Terminal Type:Right Angle Pin 4 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER
|
Molex, Inc.
|
1585278 |
Contact insert, number of positions: 4 PE, size: D7, number of connections per position: 1, Pin, Push-in connection, 230/400 V, 10 A, 0.14 mm2 ... 1.5 mm2
|
PHOENIX CONTACT
|
09-50-3151 09-50-3221 09-50-3241 09-50-3091 09-50- |
Header Connector,Cable Mnt,PLUG,15 Contacts,SKT,0.156 Pitch,POLARIZED LCK 15 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP Header Connector,Cable Mnt,PLUG,22 Contacts,SKT,0.156 Pitch,POLARIZED LCK 22 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP Header Connector,Cable Mnt,PLUG,24 Contacts,SKT,0.156 Pitch,POLARIZED LCK 24 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP Connector Housing; Gender:Female; Number of Contacts:9; Series:2139; Body Material:PA Polyamide (Nylon); Connecting Termination:Crimp; Mounting Type:Header; Number of Rows:1; Pitch Spacing:3.96mm 9 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP Connector Housing; Gender:Female; Number of Contacts:3; Series:2139; Body Material:PA Polyamide (Nylon); Connecting Termination:Crimp; Mounting Type:Header; Number of Rows:1; Pitch Spacing:3.96mm 3 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP 156 KK Term Hsg W/Ramp Nylon 20Ckt 19 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP 156 KK Term Hsg O/Ramp Nylon 7Ckt 6 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP Header Connector,Cable Mnt,PLUG,11 Contacts,SKT,0.156 Pitch,POLARIZED LCK 11 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP 156 KK Term Hsg W/Ramp Nylon 23Ckt 23 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP 156 KK Term Hsg W/Ramp Nylon 14Ckt 156 KK Term Hsg W/Ramp Nylon 9Ckt 156 KK Term Hsg O/Ramp Nylon 10Ckt
|
Molex, Inc. MOLEX INC
|
NA30E930000L NA30E930100L |
PART NUMBER SEE PART NUMBER INFORMATION DESCRIPTION CM 37 90 DEGREE LOW PROFILE COVER
|
List of Unclassifed Man...
|
19-09-2127 |
Multipole Connector; Number of Contacts:12; Series:Standard .093"; Body Material:Nylon 6/6; Number of Rows:2 12 CONTACT(S), MALE OR FEMALE, POWER CONNECTOR, PLUG
|
Molex, Inc.
|
EP731105 EP7311-CB-90 EP7311-CR-90 EP7311-IB-90 EP |
High-performance, Low-power, System-on-chip with SDRAM & Enhanced Digital Audio Interface Embedded Processors IC Ultra Low PWR Hi Perf SOC w/LCD 32-BIT, 90 MHz, RISC MICROCONTROLLER, PBGA256 32-Bit Microcontroller IC; Controller Family/Series:(ARM7); Memory Size, SRAM:48KB; Number of I/O Pins:27; Number of Timers 8/12/16/32 Bits:0 / 0 / 2 / 0; Number of PWM Channels:2; Clock Speed:74MHz; Interfaces:SSI, UART
|
Cirrus Logic, Inc. CIRRUS LOGIC INC
|
|